PART |
Description |
Maker |
HTP8A80H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
BTA208S-600F |
3Q Hi-Com Triac Triggering in three quadrants only
|
NXP Semiconductors
|
BTA312-800ET BTA312-800ET10 |
3Q Hi-Com Triac Triggering in three quadrants only
|
NXP Semiconductors
|
HTS6A60H HTS6A80H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
HTP4A60H HTP4A80H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BT134-600 TR4A60S Z0405MF |
Sensitive Gate Triac
|
Apollo Electron Co., Ltd.
|
TD4A60S T410-600B |
Sensitive Gate Triac
|
Apollo Electron Co., Ltd.
|
STU4A60S |
Sensitive Gate Triac
|
WINSEMI SEMICONDUCTOR COMPANY LIMITED
|
|